Part Number Hot Search : 
AO4262E BYZ50K47 W91530AN SH7080 ATS45CS3 FS12KM KIA3843 7002D
Product Description
Full Text Search
 

To Download CZRT5221 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Zener Diodes
COMCHIP
www.comchip.com.tw
CZRT 5221 THRU 5259
Voltage: 2.4 - 39 Volts Power: 500mWatts
SOT-23
.119 (3.0) .110 (2.8) .020 (0.5)
Features
Planar Die construction 500mW Power Dissipation Zener Voltages from 2.4V - 39V Ideally Suited for Automated Assembly Processes
Top View
.056 (1.40) .047 (1.20) .006 (0.15) .002 (0.05)
Mechanical Data
Terminals: Solderable per NIL-STD-202, Method 208 Approx. Weight: 0.008 gram
.037(0.95) .037(0.95)
.006 (0.15)max.
Case: SOT-23, Plastic
.020 (0.5)
.020 (0.5)
.103 (2.6) .086 (2.2)
Dimensions in inches (millimeters)
Maximum Ratings and Thermal Characteristics
Parameter Power Disspation (Notes A) at 75C Peak Forward Surge Current, 8.3ms single half sine-ware superimposed on rate load (JEDEC method) (Notes B) Operating Junction and Storage Temperature Range
Notes: A. Mounted on 5.0 mm2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses minute maximum.
Symbol PD IFSM TJ
Value 500 4.0 -55 to +15C
Units mW Amps C
MDS0209005A
Page 1
.044 (1.10) .035 (0.90)
Surface Mount Zener Diodes
CZRT 5221 THRU 5259
COMCHIP
www.comchip.com.tw
Electrical Characteristics
Part Number Vz @ IZT
(TA = 25 C unless otherwise noted) V F=1.2V max, IF=100mA for all types.)
Max. Zener Impedance Max Reverse Typical Temp. Leakage Current Coefficient Max. Zener current
Max. Zener Impedance
ZZT @ IZT mA
Zzk @ Izk mA
IR @ VR nA V
Nom.V Min.V Max.V 500 mWatts Zener Diodes
CZRT5221 CZRT5222 CZRT5223 CZRT5225 CZRT5226 CZRT5227 CZRT5228 CZRT5229 CZRT5230 CZRT5231 CZRT5232 CZRT5234 CZRT5235 CZRT5236 CZRT5237 CZRT5239 CZRT5240 CZRT5241 CZRT5242 CZRT5243 CZRT5245 CZRT5246 CZRT5248 CZRT5250 CZRT5251 CZRT5253 CZRT5254 CZRT5255 CZRT5256 CZRT5257 CZRT5258 CZRT5259 2.4 2.5 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39 2.28 2.38 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 26.60 28.50 31.35 34.20 37.05 2.52 2.63 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 5.61 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 29.40 31.50 34.65 37.80 40.95 30 30 30 30 28 25 23 22 19 17 11 7 5 6 8 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80
TC
IZM @ Ta mA
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7 6.2 5.6 5.2 5 4.5 4.2 3.8 3.4 3.2
1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
100 100 75 50 25 15 10 5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1 1 1 1 1 1 1 1 2 2 3 4 5 6 6 6.5 8 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30
-0.070 -0.065 -0.060 -0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.087 +0.089 +0.090 +0.091 +0.091 +0.092
188 180 167 150 138 126 115 106 97 89 81 73 67 61 55 50 45 41 38 35 30 28 25 23 21 19.1 16.8 16.2 15.1 13.8 12.6 11.6
NOTE: 1.Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of 5% for 'B' and 10% for 'A 2.Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage t olerances. B. Matched sets. 3. Zener Voltage (VZ) Measurement. Guarantees the zener volt age when measured at 90 seconds while maintaining the lead the t emperature (TL) at 30 , from the diode body. C 4. Zener Impedance (ZZ) Derivation. The zener impedanc e is derived from the 60 cycle ac voltage, which resul ts when an AC current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK 5. Surge Current (IR) Non-Repetitive. The rating listed in the el ectrical characteristics table is maximum peak, non-repetit ive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on t he test current, IZT, per JEDEC regis tration; however, actual device capability is as described in Figure 5.
MDS0209005A
Page 2
Surface Mount Zener Diodes
CZRT 5221 THRU 5259
COMCHIP
www.comchip.com.tw
8 7
100
TEMPERATURE COEFFICIENT,mV / oC)
6 5 4 3 2
1
0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12
TEMPERATURE COEFFICIENT,mV / oC)
10
1
10
100
NOMINAL ZENER VOLTAGE, Volts
NOMINAL ZENER VOLTAGE, Volts
TYPICAL REVERSE CURRENT
1000
DYNAMIC IMPEDANCE, W
1000
IZ = 1 mA
FORWARD CURRENT, mA
TJ=25 C IZ(AC)=0.1IZ(DC) F=1 kHZ
O
100
5 mA
100
20 mA
10
10
150OC
75 C
O
25OC
5 OC
1
1
10
NORMAL ZENER VOLTAGE, Volts
100
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
FORWARD VOLTAGE, Volts
TYPICAL FORWARD VOLTAGE
1.2 1.0
1000
0 V BIAS 1 V BIAS
TA=25 C
o
POWER DISSIPATION, Watts
0.8 0.6
CAPACITANCE, pF
100
BIAS AT 50% OF VZ NOM
PD V.S. TA
0.4 0.2 0
10
25
50
75
100
125
150
155
1
1
10
100
TEMPERATURE (oC)
NOMINAL ZENER VOLTAGE, Volts
STEADY STATE POWER DERATING
TYPICAL CAPACITANCE
MDS0209005A
Page 3
Surface Mount Zener Diodes
CZRT 5221 THRU 5259
COMCHIP
www.comchip.com.tw
100
TA=25 C
ZENER CURRENT, mA
ZENER CURRENT, mA
o
100
TA=25oC
10
10
1
1
0.1
0.1
0.01
0
2
4
6
8
10
12
0.01
10
30
50
70
90
ZENER VOLTAGE, Volts
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT
ZENER VOLTAGE V.S. ZENER CURRENT
1000
LEAKAGE CURRENT (mA)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
+150OC
+25 C
O
-55OC
80 90
NOMINAL ZENER VOLTAGE, Vlots
TYPICAL LEAKGE CURRENT
MDS0209005A
Page 4


▲Up To Search▲   

 
Price & Availability of CZRT5221

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X